Part Number Hot Search : 
78M06 2SB1016 MAX99 GP20A THN6501Z BAS16T 04597 GW30N6
Product Description
Full Text Search
 

To Download 2SA1725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1725
DESCRIPTION *With TO-220F package *Complement to type 2SC4511 APPLICATIONS *Audio and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -80 -80 -6 -6 -3 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-25mA ; IB=0 IC=-2A ;IB=-0.2A VCB=-80V; IE=0 VEB=-6V; IC=0 IC=-2A ; VCE=-4V IE=0; VCB=-10V;f=1MHz IE=0.5A ; VCE=-12V 50 MIN -80
2SA1725
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT
TYP.
MAX
UNIT V
-0.5 -10 -10 180 150 20
V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-3.0A;IB1=-IB2=-0.3A VCC=-30V ,RL=10@ 0.18 1.10 0.21 s s s
hFE Classifications O 50-100 P 70-140 Y 90-180
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1725
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1725
4


▲Up To Search▲   

 
Price & Availability of 2SA1725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X